Part Number Hot Search : 
ILC1832M 054S3 43800 N120B 43800 A2030H FA005M28 ON2375
Product Description
Full Text Search
 

To Download MBR1060FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr1020fct thru mbr10100fct 10 amp schottky barrier rectifier 20 to 100 volts features low power loss high efficiency low forward voltage , high current capability high surge capacity maximum ratings operating junction temperature: -5 0 c to +150 c storage temperature: -5 0 c to +150 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 120a 8.3ms, half sine maximum instantaneous forward voltage 1020fct-1045fct 1050fct-1060fct v f .55v .75v i fm = 5a; maximum dc reverse current at rated dc blocking voltage                        mcc i to-220ab t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         i r 1080fct-10100fct .85v o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 o --- . 055 --- 1.40 0.1m a t c = 25 c 50m a t c = 100 c         
 omp onents 2 0736 marilla street chatsworth               !  " #   $
%        !   " #    mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr1030 f ct mbr1030fct 30v 21v 30v mbr1040 f ct mbr1040fct 40v 2 8v 40v mbr1020 f ct mbr1020fct 20v 14v 20v mbr10 45f ct mbr1045fct 45v 31.5v 45v mbr10100 f ct mbr 10100fct 100v 70v 100v mbr1050fct mbr1050fct 50v 35v 50v mbr1060 f ct MBR1060FCT 60v 42v 60v mbr1080 f ct mbr1080fct 80v 56v 80v revision: 3 2003/04/30 tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 www. mccsemi .com 1 of 3
mbr1020fct thru mbr10100fct mcc 10 8 6 4 2 0 0 50 100 150 c a s e t e m p e r a t u r e , j 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 4 . 5 . 6 . 7 . 8 9 1 . 0 1 . 1 5 0 . 6 0 v 20 . 30 . 40 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s 80 . 100 v i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8 .3 m s s i n g l e h a l f s i n e w av e j e d e c m e t h o d n o . o f c y c l e s a t 6 0 h z f ig. 3-ma ximu m no n -r epe titive sur g e cu rr ent average forward current, a m peres i n s tantaneous forward current amperes p eak forward surge current, amperes revision: 4 2006/05 /30 tm micro commercial components www. mccsemi .com 2 of 3
mcc www.mccsemi .com revision: 4 2006/05/30 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MBR1060FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X